Part Number Hot Search : 
ISL6431 P13N03 H6842S 2SK389GR ULQ2460C AD82904 1W06GM ISL8036A
Product Description
Full Text Search
 

To Download APT30F50B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT30F50B APT30F50S
500V, 30A, 0.19 Max, trr 230ns
N-Channel FREDFET
Power MOS 8TM is a high speed, high voltage N-channel switch-mode power MOSFET. This 'FREDFET' version has a drain-source (body) diode that has been optimized for high reliability in ZVS phase shifted bridge and other circuits through reduced trr, soft recovery, and high recovery dv/dt capability. Low gate charge, high gain, and a greatly reduced ratio of Crss/Ciss result in excellent noise immunity and low switching loss. The intrinsic gate resistance and capacitance of the poly-silicon gate structure help control di/dt during switching, resulting in low EMI and reliable paralleling, even when switching at very high frequency.
TO
-2
47
D3PAK
APT30F50B
APT30F50S
D
Single die FREDFET
G S
FEATURES
* Fast switching with low EMI * Low trr for high reliability * Ultra low Crss for improved noise immunity * Low gate charge * Avalanche energy rated * RoHS compliant
TYPICAL APPLICATIONS
* ZVS phase shifted and other full bridge * Half bridge * PFC and other boost converter * Buck converter * Single and two switch forward * Flyback
Absolute Maximum Ratings
Symbol ID IDM VGS EAS IAR Parameter Continuous Drain Current @ TC = 25C Continuous Drain Current @ TC = 100C Pulsed Drain Current Gate-Source Voltage Single Pulse Avalanche Energy 2 Avalanche Current, Repetitive or Non-Repetitive
1
Ratings 30 19 90 30 615 14
Unit
A
V mJ A
Thermal and Mechanical Characteristics
Symbol PD RJC RCS TJ,TSTG TL WT Characteristic Total Power Dissipation @ TC = 25C Junction to Case Thermal Resistance Case to Sink Thermal Resistance, Flat, Greased Surface Operating and Storage Junction Temperature Range Soldering Temperature for 10 Seconds (1.6mm from case) Package Weight 0.22 6.2 10 1.1 -55 0.15 150 300 Min Typ Max 415 0.30 Unit W C/W
C
4-2007 050-8133 Rev A
oz g in*lbf N*m
Torque
Mounting Torque ( TO-247 Package), 6-32 or M3 screw
Microsemi Website - http://www.microsemi.com
Static Characteristics
Symbol
VBR(DSS) VBR(DSS)/TJ RDS(on) VGS(th) VGS(th)/TJ IDSS IGSS
TJ = 25C unless otherwise specified
Test Conditions
VGS = 0V, ID = 250A Reference to 25C, ID = 250A VGS = 10V, ID = 14A VGS = VDS, ID = 1mA VDS = 500V VGS = 0V TJ = 25C TJ = 125C
AP30F50B_S
Typ 0.60 0.17 4 -10 Max Unit V V/C V mV/C A nA
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Drain-Source On Resistance
3
Min 500
Gate-Source Threshold Voltage Threshold Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Source Leakage Current
3
0.19 5 250 1000 100
VGS = 30V
Dynamic Characteristics
Symbol
gfs Ciss Crss Coss Co(cr) Co(er) Qg Qgs Qgd td(on) tr td(off) tf
4
TJ = 25C unless otherwise specified
Test Conditions
VDS = 50V, ID = 14A VGS = 0V, VDS = 25V f = 1MHz
Parameter
Forward Transconductance Input Capacitance Reverse Transfer Capacitance Output Capacitance Effective Output Capacitance, Charge Related
Min
Typ 22 4525 60 485 280
Max
Unit S
pF
5
VGS = 0V, VDS = 0V to 333V
Effective Output Capacitance, Energy Related Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Current Rise Time Turn-Off Delay Time Current Fall Time
VGS = 0 to 10V, ID = 14A, VDS = 250V Resistive Switching VDD = 333V, ID = 14A RG = 4.7 6 , VGG = 15V
142 115 26 50 20 23 50 17 nC
ns
Source-Drain Diode Characteristics
Symbol
IS ISM VSD trr Qrr Irrm dv/dt
Parameter
Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) 1 Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Peak Recovery dv/dt
Test Conditions
MOSFET symbol showing the integral reverse p-n junction diode (body diode)
Min
D
Typ
Max 30
Unit A
G S
TJ = 25C TJ = 125C
90 1.0 230 420 0.77 1.88 7.7 10.7 20 V ns C A V/ns
ISD = 14A, TJ = 25C, VGS = 0V
ISD = 14A 3 diSD/dt = 100A/s VDD = 100V
TJ = 25C TJ = 125C TJ = 25C TJ = 125C
ISD 14A, di/dt 1000A/s, VDD = 333V, TJ = 125C
1 Repetitive Rating: Pulse width and case temperature limited by maximum junction temperature. 2 Starting at TJ = 25C, L = 6.28mH, RG = 4.7, IAS = 14A. 3 Pulse test: Pulse Width < 380s, duty cycle < 2%. 4 Co(cr) is defined as a fixed capacitance with the same stored charge as COSS with VDS = 67% of V(BR)DSS. 5 Co(er) is defined as a fixed capacitance with the same stored energy as COSS with VDS = 67% of V(BR)DSS. To calculate Co(er) for any value of VDS less than V(BR)DSS, use this equation: Co(er) = -1.05E-7/VDS^2 + 2.44E-8/VDS + 6.99E-11. 6 RG is external gate resistance, not including internal gate resistance or gate driver impedance. (MIC4452)
Microsemi reserves the right to change, without notice, the specifications and information contained herein. 4-2007 050-8133 Rev A
100 90 80 ID, DRAIN CURRENT (A)
V
GS
= 10V
50
TJ = -55C
APT30F50B_S
T = 125C
J
45 40 ID, DRIAN CURRENT (A) 35 30 25 20 15 10 5 0 0
V
GS
= 7 &10V
6.5V
70 60 50 40 30 20 10 0
TJ = 125C TJ = 25C
6V
5.5V
TJ = 150C
5V
25 20 15 10 5 0 VDS(ON), DRAIN-TO-SOURCE VOLTAGE (V) Figure 1, Output Characteristics
NORMALIZED TO VGS = 10V @ 14A
30 25 20 15 10 5 VDS, DRAIN-TO-SOURCE VOLTAGE (V) Figure 2, Output Characteristics
RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE
2.5
90 80 ID, DRAIN CURRENT (A) 70 60 50 40 30 20 10
VDS> ID(ON) x RDS(ON) MAX. 250SEC. PULSE TEST @ <0.5 % DUTY CYCLE
2.0
1.5
TJ = -55C TJ = 25C TJ = 125C
1.0
0.5
0 25 50 75 100 125 150 0 -55 -25 TJ, JUNCTION TEMPERATURE (C) Figure 3, RDS(ON) vs Junction Temperature 35
TJ = -55C
0
0
8 7 6 5 4 3 2 1 VGS, GATE-TO-SOURCE VOLTAGE (V) Figure 4, Transfer Characteristics
7,000
Ciss
30 gfs, TRANSCONDUCTANCE
TJ = 25C
25
TJ = 125C
C, CAPACITANCE (pF)
1,000
20 15 10 5 0 0 25 20 15 10 ID, DRAIN CURRENT (A) Figure 5, Gain vs Drain Current 5
ID = 14A
100
Coss
Crss 30 500 400 300 200 100 VDS, DRAIN-TO-SOURCE VOLTAGE (V) Figure 6, Capacitance vs Drain-to-Source Voltage 0 90 ISD, REVERSE DRAIN CURRENT(A) 80 70 60 50 40 30 20 10 1.5 1.2 0.9 0.6 0.3 VSD, SOURCE-TO-DRAIN VOLTAGE (V) Figure 8, Drain Current vs Source-to-Drain Voltage 0 0
TJ = 25C
TJ = 150C
10
16 VGS, GATE-TO-SOURCE VOLTAGE (V) 14 12 10 8 6 4 2
VDS = 100V
VDS = 250V
050-8133
40 60 80 100 120 140 160 20 Qg, TOTAL GATE CHARGE (nC) Figure 7, Gate Charge vs Gate-to-Source Voltage 0
0
Rev A
4-2007
VDS = 400V
100
IDM
100
I
DM
APT30F50B_S
ID, DRAIN CURRENT (A)
10
13s
Rds(on)
ID, DRAIN CURRENT (A)
10
13s 100s 1ms 10ms
100ms DC line
1
100s 1ms 10ms
100ms
Rds(on)
1
TJ = 150C TC = 25C
0.1
TJ = 125C TC = 75C
DC line
Scaling for Different Case & Junction Temperatures: ID = ID(T = 25C)*(TJ - TC)/125
1
800 100 10 VDS, DRAIN-TO-SOURCE VOLTAGE (V) Figure 9, Forward Safe Operating Area
0.1
C
800 100 10 VDS, DRAIN-TO-SOURCE VOLTAGE (V) Figure 10, Maximum Forward Safe Operating Area 1
TJ (C)
0.0350 Dissipated Power (Watts) 0.00431 0.0106 0.150 0.124
TC (C)
0.143 ZEXT are the external thermal impedances: Case to sink, sink to ambient, etc. Set to zero when modeling only the case to junction.
Figure 11, Transient Thermal Impedance Model
0.35 ZJC, THERMAL IMPEDANCE (C/W) 0.30 D = 0.9 0.25 0.7 0.20 0.15 0.10 0.05 0 0.5 0.3 0.1 0.05 10
-5
ZEXT
Note:
PDM
t1 t2
SINGLE PULSE
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
t1 = Pulse Duration
t
10-1 10-2 10-3 RECTANGULAR PULSE DURATION (seconds) Figure 12. Maximum Effective Transient Thermal Impedance Junction-to-Case vs Pulse Duration 10-4
1.0
TO-247 (B) Package Outline
e3 100% Sn Plated
15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
D3PAK Package Outline
Drain (Heat Sink)
4.98 (.196) 5.08 (.200) 1.47 (.058) 1.57 (.062) 15.95 (.628) 16.05(.632) 13.41 (.528) 13.51(.532)
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC
1.04 (.041) 1.15(.045)
Drain
20.80 (.819) 21.46 (.845) 3.50 (.138) 3.81 (.150)
Revised 4/18/95
13.79 (.543) 13.99(.551)
Revised 8/29/97
11.51 (.453) 11.61 (.457)
0.46 (.018) 0.56 (.022) {3 Plcs}
4.50 (.177) Max. 2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055)
4-2007
0.40 (.016) 0.79 (.031)
19.81 (.780) 20.32 (.800)
0.020 (.001) 0.178 (.007) 2.67 (.105) 2.84 (.112)
1.27 (.050) 1.40 (.055) 1.98 (.078) 2.08 (.082) 5.45 (.215) BSC {2 Plcs.}
1.22 (.048) 1.32 (.052)
3.81 (.150) 4.06 (.160) (Base of Lead)
Gate Drain Source
Heat Sink (Drain) and Leads are Plated
Rev A
2.21 (.087) 2.59 (.102)
5.45 (.215) BSC 2-Plcs.
050-8133
Dimensions in Millimeters and (Inches)
Source Drain Gate Dimensions in Millimeters (Inches)
Microsemi's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT30F50B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X